Part Number Hot Search : 
30DCB6BF UC843B 1071N MAX696 LR3114 CS915 NTMFS493 SA170
Product Description
Full Text Search
 

To Download WP819SRSGWCC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10mm ROUND LED LAMP
Part Number: WP819SRSGW/CC Super Bright Red Super Bright Green
Features
UNIFORM LIGHT OUTPUT. LOW POWER CONSUMPTION. 3 LEADS WITH ONE COMMON CATHODE LEAD. I.C. COMPATIBLE. LONG LIFE - SOLID STATE RELIABILITY. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode. The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAE9426 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAY/18/2007 DRAWN: Y.L.LI
PAGE: 1 OF 7 ERP: 1101007721
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. Super Bright Red (GaAlAs) WP819SRSGW/CC Super Bright Green (GaP)
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Viewing Angle [1] 21/2 50
Typ. 300 50
110 WHITE DIFFUSED 36
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green Typ. 660 565 640 568 20 30 45 15 1.85 2.2 2.5 2.5 10 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Super Bright Red 75 30 155 5
Super Bright Green 62.5 25 140
Units mW mA mA V
-40C To +85C 260C For 3 Seconds 260C For 5 Seconds
SPEC NO: DSAE9426 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAY/18/2007 DRAWN: Y.L.LI
PAGE: 2 OF 7 ERP: 1101007721
WP819SRSGW/CC Super Bright Red
SPEC NO: DSAE9426 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAY/18/2007 DRAWN: Y.L.LI
PAGE: 3 OF 7 ERP: 1101007721
Super Bright Green
SPEC NO: DSAE9426 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAY/18/2007 DRAWN: Y.L.LI
PAGE: 4 OF 7 ERP: 1101007721
PACKING & LABEL SPECIFICATIONS
WP819SRSGW/CC
SPEC NO: DSAE9426 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAY/18/2007 DRAWN: Y.L.LI
PAGE: 5 OF 7 ERP: 1101007721
SPEC NO: DSAE9426 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAY/18/2007 DRAWN: Y.L.LI
PAGE: 6 OF 7 ERP: 1101007721
SPEC NO: DSAE9426 APPROVED: WYNEC
REV NO: V.4 CHECKED: Allen Liu
DATE: MAY/18/2007 DRAWN: Y.L.LI
PAGE: 7 OF 7 ERP: 1101007721


▲Up To Search▲   

 
Price & Availability of WP819SRSGWCC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X